Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1Z7ABR700W Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # P1Z7ABR700W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P1Z7ABR700W Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  P1Z7ABR700W Datasheet HTML 1Page - Powerex Power Semiconductors P1Z7ABR700W Datasheet HTML 2Page - Powerex Power Semiconductors P1Z7ABR700W Datasheet HTML 3Page - Powerex Power Semiconductors P1Z7ABR700W Datasheet HTML 4Page - Powerex Power Semiconductors P1Z7ABR700W Datasheet HTML 5Page - Powerex Power Semiconductors P1Z7ABR700W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P-5
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
P1Z7AAR700W_ _
P1Z7ABR700W_ _
P1Z9AAR900W_ _
P1Z9ACR900W_ _
P1Z9ADR900V_ _
355
435
590
740
800
AR7
BR7
AR9
CR9
DR9
AR7
BR7
AR9
CR9
DR9
105
105
105
105
110
1125
1125
1500
1500
1330
150
150
150
150
150
0.04
0.04
0.03
0.03
0.03
0.010
0.010
0.008
0.008
0.008
0.10
0.10
0.08
0.08
0.08
40
40
40
40
40
385
440
570
670
775
400
465
600
705
805
315
315
315
315
315
Current and Thermal Ratings of Module
Circuit Currents
Element
Data Model*
IT(av)‘
(A)
@TC
(°C)
Part Number
Units per
Sink
TA
(°C)
Maximum
Power
Dissipation
(W)
Tj
(°C)
E1
E2
Sensor
@Tj
(
Ω)
R (J-C)
per
Module
(°C/W)
1
AC
Switch
IRMS
(A)
3
AC
Switch”
IRMS
(A)
2
1
Bridge
IDC
(A)
3
3
Bridge”
IDC
(A)
R (C-S)
per
Module’
(°C/W)
R (C-A)
(°C/W)
Current
Thermal
Diode/Diode
P2Z7ABB700W_ _
P2Z7ACB700W_ _
P2Z9AAA900W_ _
P2Z9ABA900W_ _
P2Z9ACA900W_ _
380
395
430
520
590
350
365
390
460
495
BT7
CT7
AT9
BT9
CT9
BR7
BR7
AR9
AR9
AR9
85
85
85
85
85
1100
1100
1325
1465
1465
130
130
125
130
130
0.04
0.04
0.03
0.03
0.03
0.010
0.010
0.008
0.008
0.008
0.10
0.10
0.08
0.08
0.08
40
40
40
40
40
560
590
630
740
800
275
290
310
365
385
330
345
370
435
470
530
530
640
530
530
Half Control SCR/Diode “
P3Z7ABT700W_ _
P3Z7ACT700W_ _
P3Z7AAT800W_ _
P3Z7ABT800W_ _
P3Z7ACT800W_ _
P3Z9AAT900W_ _
P3Z9ABT900W_ _
P3Z9ACT900W_ _
345
375
300
390
450
355
470
600
315
335
265
345
405
330
420
480
BT7
CT7
AT8
BT8
CT8
AT9
BT9
CT9
BT7
CT7
AT8
BT8
CT8
AT9
BT9
CT9
85
85
85
85
85
85
85
85
1095
1095
1095
1095
1095
1295
1460
1460
130
130
130
130
130
125
130
130
0.04
0.04
0.04
0.04
0.04
0.03
0.03
0.03
0.010
0.010
0.010
0.010
0.010
0.008
0.008
0.008
0.10
0.10
0.10
0.10
0.10
0.08
0.08
0.08
40
40
40
40
40
40
40
40
505
550
445
560
630
535
675
815
250
270
220
275
300
260
335
375
300
320
255
330
385
310
400
460
530
530
530
530
530
640
530
530
Full Control SCR/SCR
P7Z7ABB700W_ _
P7Z7ABC700W_ _
P7Z9AAA900W_ _
P7Z9AAB900W_ _
P7Z9AAC900W_ _
380
395
430
520
590
350
365
390
460
495
BR7
BR7
AR9
AR9
AR9
BT7
CT7
AT9
BT9
CT9
85
85
85
85
85
1100
1100
1325
1465
1465
130
130
125
130
130
0.04
0.04
0.03
0.03
0.03
0.010
0.010
0.008
0.008
0.008
0.10
0.10
0.08
0.08
0.08
40
40
40
40
40
560
590
630
740
800
275
290
310
365
385
330
345
370
435
470
530
530
640
530
530
Half Control SCR/Diode “
Applies for zero or negative gate bias.
Higher dv/dt ratings available, consult factory.
With recommended gate drive.
Per JEDEC standard RS-397, 5.2.2.6.
Per JEDEC RS-397, 5.2.2.1.
Bottom side cooled.
Consult recommended mounting procedures.
Designs are available for “Current Source Inverter”
applications, consult factory.
Reflects substantial derating necessary with single
0.08°C/W or 0.10°C/W sink.
Reference element data model on the following page.
Œ

Ž


‘
’
“
”
*


Similar Part No. - P1Z7ABR700W

ManufacturerPart #DatasheetDescription
logo
PARKER HANNIFIN CORP
P1Z PARKER-P1Z Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000B PARKER-P1ZM016GAN1000B Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBM PARKER-P1ZM016GAN1000BNBM Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBN PARKER-P1ZM016GAN1000BNBN Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
P1ZM016GAN1000BNBY PARKER-P1ZM016GAN1000BNBY Datasheet
809Kb / 10P
   Magnetic rodless cylinder P1Z series
More results

Similar Description - P1Z7ABR700W

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-400 Volts
FT3000AV POWEREX-FT3000AV Datasheet
155Kb / 4P
   Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com