Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1015 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1015
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1015 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1015 Datasheet HTML 5Page - ON Semiconductor NCP1015 Datasheet HTML 6Page - ON Semiconductor NCP1015 Datasheet HTML 7Page - ON Semiconductor NCP1015 Datasheet HTML 8Page - ON Semiconductor NCP1015 Datasheet HTML 9Page - ON Semiconductor NCP1015 Datasheet HTML 10Page - ON Semiconductor NCP1015 Datasheet HTML 11Page - ON Semiconductor NCP1015 Datasheet HTML 12Page - ON Semiconductor NCP1015 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NCP1015
http://onsemi.com
9
Figure 15. NCP1015 Facing a Fault Condition (Vin = 150 Vdc)
Tstart
Tsw
TLatch
1 V Ripple
Latch-off
Level
The rising slope from the latch-off level up to 8.5 V is
expressed by:
P
DSS + Vin @ ICC1
tstart + D
V1
@ C
IC1
The time during which the IC actually pulses is given by:
tsw + D
V2
@ C
ICC1
Finally, the latch-off time can be derived using the same
formula topology:
t
latch +
DV3 @ C
ICC2
From these three definitions, the burst duty-cycle D can
be computed:
D
+
tsw
tstart ) tsw ) tlatch
(eq. 2)
D
+
DV2
ICC1
@ DV2
ICC1 )
DV1
IC1 )
DV3
ICC2
(eq. 3)
Feeding the equation with values extracted from the
parameter section gives a typical duty-cycle D of 13%,
precluding any lethal thermal runaway while in a fault
condition.
DSS Internal Dissipation
The Dynamic Self-Supplied pulls the energy out from the
drain pin. In the Flyback-based converters, this drain level
can easily go above 600 V peak and thus increase the stress
on the DSS startup source. However, the drain voltage
evolves with time and its period is small compared to that of
the DSS. As a result, the averaged dissipation, excluding
capacitive losses, can be derived by:
P
DSS + ICC1 @t VDS(t) u
(eq. 4)
Figure 16 shows a typical drain-ground wave-shape
where leakage effects have been removed:
Figure 16. A Typical Drain-ground Waveshape
where Leakage Effects are Not Accounted for
Vds(t)
Vin
Vr
toff
dt
ton
t
Tsw
By looking at Figure 16 the average result can easily be
derived by additive square area calculation:
t V
DS(t) u+ Vin @ (1 * D) ) Vr @
t
off
tsw
(eq. 5)
By developing Equation 5 we obtain:
t V
DS(t) u+ Vin * Vin @
ton
tsw
) Vr @
t
off
tsw
(eq. 6)
toff can be expressed by:
t
off + Ip @
Lp
Vr
(eq. 7)
ton can be evaluated by:
ton + Ip @
Lp
V
in
(eq. 8)


Similar Part No. - NCP1015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015AP100G ONSEMI-NCP1015AP100G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015ST100T3G ONSEMI-NCP1015ST100T3G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015ST65T3G ONSEMI-NCP1015ST65T3G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
More results

Similar Description - NCP1015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com