Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1015 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1015
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1015 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1015 Datasheet HTML 7Page - ON Semiconductor NCP1015 Datasheet HTML 8Page - ON Semiconductor NCP1015 Datasheet HTML 9Page - ON Semiconductor NCP1015 Datasheet HTML 10Page - ON Semiconductor NCP1015 Datasheet HTML 11Page - ON Semiconductor NCP1015 Datasheet HTML 12Page - ON Semiconductor NCP1015 Datasheet HTML 13Page - ON Semiconductor NCP1015 Datasheet HTML 14Page - ON Semiconductor NCP1015 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCP1015
http://onsemi.com
11
Figure 17. A Detailed View of the NCP1015 with Properly Connected Auxiliary Winding
Startup Source
Drain
+
-
-
+
VCC(off) = 8.5 V
VCC(on) = 7.5 V
+
VCC
Rlimit
+
+
CVCC
CAux
Laux
Ground
+
D1
Figure 18. The Burst Frequency becomes So Low that it is Difficult to
Keep an Adequate Level on the Auxiliary VCC
u30 ms
Lowering the Standby Power with Skip-cycle
Skip cycle offers an efficient way to reduce the standby
power by skipping unwanted cycles at light loads. However,
the recurrent frequency in skip often enters the audible range
and a high peak current obviously generates acoustic noise
in the transformer. The noise takes its origins in the
resonance of the transformer mechanical structure which is
excited by the skipping pulses. A possible solution,
successfully implemented in the NCP1200 series, also
authorizes skip cycle but only when the power demand as
dropped below a given level. At this time, the peak current
is reduced and no noise can be heard. Figure 19 shows the
peak current evolution of the NCP1015 entering standby:


Similar Part No. - NCP1015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015AP100G ONSEMI-NCP1015AP100G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015ST100T3G ONSEMI-NCP1015ST100T3G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015ST65T3G ONSEMI-NCP1015ST65T3G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
More results

Similar Description - NCP1015

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com