Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016FB80ZA3FF Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58BW016FB80ZA3FF
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016FB80ZA3FF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58BW016FB80ZA3FF Datasheet HTML 6Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 7Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 8Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 9Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 10Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 11Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 12Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 13Page - STMicroelectronics M58BW016FB80ZA3FF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Description
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
10/69
Figure 2.
PQFP connections (top view through package)
AI11202b
12
1
53
VDDQ
DQ24
DQ25
DQ18
DQ17
DQ16
DQ19
DQ20
DQ21
DQ22
DQ23
VDDQ
DQ29
DQ26
DQ30
DU
DQ31
DQ28
DQ27
A2
A0
A1
VDDQ
DQ7
DQ6
DQ13
DQ14
DQ15
DQ12
DQ11
DQ10
DQ9
VSSQ
DQ8
DQ2
DQ5
DQ0
NC
A18
A16
A17
DQ3
DQ4
VSSQ
VSSQ
DQ1
VDDQ
VSSQ
24
41
64
M58BW016DT
M58BW016DB
M58BW016FT
M58BW016FB


Similar Part No. - M58BW016FB80ZA3FF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58BW016FB8T3FF NUMONYX-M58BW016FB8T3FF Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB8T3FT NUMONYX-M58BW016FB8T3FT Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB8ZA3FF NUMONYX-M58BW016FB8ZA3FF Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB8ZA3FT NUMONYX-M58BW016FB8ZA3FT Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
More results

Similar Description - M58BW016FB80ZA3FF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
STMicroelectronics
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com