Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIW1721BFIG-T13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SIW1721BFIG-T13
Description  BLUETOOTH짰 RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1721BFIG-T13 Datasheet(HTML) 1 Page - RF Micro Devices

  SIW1721BFIG-T13 Datasheet HTML 1Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 2Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 3Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 4Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 5Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 6Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 7Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 8Page - RF Micro Devices SIW1721BFIG-T13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Ordering Information
Summary
Optimum Technology Matching® Applied
Si BJT
Si Bi-CMOS
GaInP/HBT
GaAs HBT
SiGe HBT
GaN HEMT
GaAs MESFET
Si CMOS
SiGe Bi-CMOS
Features
Bluetooth Subsystem Using the SiW1721B Radio Modem
Ext
Power
Single-ended LNA
and Downconverter
Single-ended Driver
and Upconverter
ADC
DAC
Reference
PLL
Modem
Clock
Generator
SiW1721B Radio Modem
Reference
Clock
CLK Circuit
Analog
Regulator
Digital
Regulator
Radio
Programming
and Control
GFSK
Modulator
GFSK
Demodulator
Mobile Phone
Chip Set
Integrated
Bluetooth
Baseband
SPI
Modem I/F
& Data
The SiW1721B is a 2.4-GHz radio transceiver for Bluetooth wireless
technology. This highly integrated transceiver is specifically designed for use
with a third party Bluetooth baseband controller chipset requiring an
external Bluetooth RF transceiver. Due to its low power CMOS process, the
design minimizes current draw in both active and standby modes.
The SiW1721B combines a radio transceiver and Gaussian Frequency Shift
Keying (GFSK) modem with digital control and interface logic. The IC also
incorporates analog and digital voltage regulators and a reference Phase
Lock Loop (PLL) capable of accepting various reference clock frequencies.
The level of integration enables a low system cost with fewer external
components.
The SiW1721B is packaged in a 5-by-5-mm, Pb-free, 32-pin QFN package
that meets RoHS (Green) requirements. Operating temperature range is
guaranteed from -40°C to +85°C.
SiW1721B
Bluetooth® Radio Modem
See page 12 for details.
0
BLUETOOTH® RADIO MODEM
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
October 6, 2006
• Integrated RF transceiver and
modem for Bluetooth wireless
technology.
• Manufactured using low-power
0.18-micron CMOS process
technology.
• Digital baseband interface connects
directly to an integrated Bluetooth
controller.
• Direct conversion RF architecture
improves receiver-blocking
performance.
• Low out-of-band spurious emissions
minimize interference with mobile
phone operations.
• Hardware AGC dynamically adjusts
receiver performance in changing
environments.
• 50
Ω RF I/O does not need additional
external impedance matching
components.
• On-chip voltage regulation simplifies
system design.
• -88 dBm receiver sensitivity and
+2 dBm transmitter power typical
performance specifications.
• Bluetooth Specification V2.0
qualified. Complies with Bluetooth
specifications V1.1, V1.2 and V2.0.
Applications
• Mobile phones with integrated
controller for Bluetooth wireless
technology.


Similar Part No. - SIW1721BFIG-T13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-B RFMD-SIW1711DIF-B Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-T13 RFMD-SIW1711DIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF RFMD-SIW1711FIF Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF-T13 RFMD-SIW1711FIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
More results

Similar Description - SIW1721BFIG-T13

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
rfsolutions.ltd
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
   Synthesised Radio Modem
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
logo
SHENZHEN KYL COMMUNICAT...
KYL-600H KYL-KYL-600H Datasheet
49Kb / 3P
   High Performance Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com