Electronic Components Datasheet Search
Selected language     English  ▼


SN74AHC595N Datasheet(PDF) 7 Page - Texas Instruments

Part No. SN74AHC595N
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 7 page
background image
SN54AHC595, SN74AHC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS373I − MAY 1997 − REVISED JUNE 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AHC595
SN74AHC595
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
SRCLK high or low
5
5
5
tw
Pulse duration
RCLK high or low
5
5
5
ns
tw
Pulse duration
SRCLR low
5
5
5
ns
SER before SRCLK
3
3
3
tsu
Setup time
SRCLK
↑ before RCLK↑†
5
5
5
ns
tsu
Setup time
SRCLR low before RCLK
5
5
5
ns
SRCLR high (inactive) before SRCLK
2.5
2.5
2.5
th
Hold time
SER after SRCLK
2
2
2
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC595
SN74AHC595
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
120*
70*
70
MHz
fmax
CL = 50 pF
55
105
50
50
MHz
tPLH
RCLK
QA−QH
CL = 15 pF
6*
11.9*
1*
13.5*
1
13.5
ns
tPHL
RCLK
QA−QH
CL = 15 pF
6*
11.9*
1*
13.5*
1
13.5
ns
tPLH
SRCLK
QH
CL = 15 pF
6.6*
13*
1*
15*
1
15
ns
tPHL
SRCLK
QH′
CL = 15 pF
6.6*
13*
1*
15*
1
15
ns
tPHL
SRCLR
QH′
CL = 15 pF
6.2*
12.8*
1*
13.7*
1
13.7
ns
tPZH
OE
QA−QH
CL = 15 pF
6*
11.5*
1*
13.5*
1
13.5
ns
tPZL
OE
QA−QH
CL = 15 pF
7.8*
11.5*
1*
13.5*
1
13.5
ns
tPLH
RCLK
QA−QH
CL = 50 pF
7.9
15.4
1
17
1
17
ns
tPHL
RCLK
QA−QH
CL = 50 pF
7.9
15.4
1
17
1
17
ns
tPLH
SRCLK
QH
CL = 50 pF
9.2
16.5
1
18.5
1
18.5
ns
tPHL
SRCLK
QH′
CL = 50 pF
9.2
16.5
1
18.5
1
18.5
ns
tPHL
SRCLR
QH′
CL = 50 pF
9
16.3
1
17.2
1
17.2
ns
tPZH
OE
QA−QH
CL = 50 pF
7.8
15
1
17
1
17
ns
tPZL
OE
QA−QH
CL = 50 pF
9.6
15
1
17
1
17
ns
tPHZ
OE
QA−QH
CL = 50 pF
8.1
15.7
1
16.2
1
16.2
ns
tPLZ
OE
QA−QH
CL = 50 pF
9.3
15.7
1
16.2
1
16.2
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHCT5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM74HC5898-Bit Shift Registers with Input Latches and 3-STATE Serial Output 1 2 3 4 5 MoreFairchild Semiconductor
SN54LV595A_078-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM74HC595_048-Bit Shift Registers with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
SN54LV594A_078-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54LS595_078-BIT SHIFT REGISTERS WITH OUTPUT LATCHES 1 2 3 4 5 MoreTexas Instruments
SN54HC590A_078-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MC74VHC5958-Bit Shift Register with Output Storage Register 3-State 1 2 3 4 5 MoreON Semiconductor
74LVC594A8-bit shift register with output register 1 2 3 4 5 MoreNXP Semiconductors
SN54LS597_078-BIT SHIFT REGISTERS WITH INPUT LATCHES 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl