Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS14 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS14
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS14 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS14_06 Datasheet HTML 1Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 2Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 3Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 4Page - Toshiba Semiconductor CMS14_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS14
2006-11-13
3
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
0
0.2
0.01
0.1
1
10
0.4
0.6
0.8
1.0
1.2
125°C
25°C
75°C
Tj = 150°C
Pulse test
DC
0
0.4
2.0
0.8
1.2
0
1.2
1.8
3.0
0.6
2.4
360°
Rectangular
waveform
α
Conduction angle
α
α = 60°
120°
180°
1.6
0
0
40
160
0.4
1.2
1.6
2.0
2.8
3.2
20
60
120
100
0.8
2.4
80
α = 60°
120°
DC
360°
α
VR = 30 V
IF (AV)
Conduction
angle
α
180°
140
Rectangular
waveform
0
0
40
160
0.4
1.2
1.6
2.0
2.8
3.2
20
60
120
100
0.8
2.4
80
α = 60°
120°
DC
180°
140
360°
α
VR = 30 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
soldering land:
2 mm
× 2 mm
board thickness:
0.64 t
Time t (s)
rth (j-a) – t
1000
1
100
10
0.001
1000
0.01
0.1
100
10
1
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
board thickness: 1.6 t
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t
3
5
30
50
300
500
0.003
0.03
0.3
3
30
300


Similar Part No. - CMS14_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS14 TOSHIBA-CMS14_13 Datasheet
152Kb / 5P
   TOSHIBA Schottky Barrier Diode
More results

Similar Description - CMS14_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com