Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ12 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMZ12
Description  Constant Voltage Regulation Transient Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZ12 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMZ12 Datasheet HTML 1Page - Toshiba Semiconductor CMZ12 Datasheet HTML 2Page - Toshiba Semiconductor CMZ12 Datasheet HTML 3Page - Toshiba Semiconductor CMZ12 Datasheet HTML 4Page - Toshiba Semiconductor CMZ12 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMZ12~CMZ53
2006-11-09
4
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
10
14
18
22
26
0
20
40
60
80
100
120
140
160
0
0.4
0.8
1.2
1.6
2
2.4
10
100
1000
0.1
1
10
25
30
35
40
45
50
26
30
34
38
42
46
50
54
58
Ta max – P
Power dissipation P
(W)
PRSM – tW
(reference value)
Pulse width tW (ms)
αT – VZ
(typ.)
Zener voltage VZ (V)
αT – VZ
(typ.)
Zener voltage VZ (V)
CMZ12~CMZ27
CMZ30~CMZ53
Recommended
Ta
= 25°C
Rectangular pulse
PRSM
tW
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t
Device mounted on a ceramic board:
Soldering land: 2.0 mm
× 2.0 mm
rth (j-a) – t
Time t (s)
Device mounted on a glass-epoxy board:
Soldering land: 2.1 mm
× 1.4 mm
Device mounted on a glass-epoxy board:
Soldering land: 6.0 mm
× 6.0 mm


Similar Part No. - CMZ12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
More results

Similar Description - CMZ12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
   DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
   CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com