Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2Z7ACB700W Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # P2Z7ACB700W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P2Z7ACB700W Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  P2Z7ACB700W Datasheet HTML 1Page - Powerex Power Semiconductors P2Z7ACB700W Datasheet HTML 2Page - Powerex Power Semiconductors P2Z7ACB700W Datasheet HTML 3Page - Powerex Power Semiconductors P2Z7ACB700W Datasheet HTML 4Page - Powerex Power Semiconductors P2Z7ACB700W Datasheet HTML 5Page - Powerex Power Semiconductors P2Z7ACB700W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P-6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
AR7
BR7
CR7Ž
AR9
CR9
DR9
BT7
CT7
AT8
BT8
CT8
AT9
BT9
CT9
9HPŽ
33mm Diode
33mm Diode
33mm Diode
50mm Diode
50mm Diode
50mm Diode
33mm SCR
33mm SCR
38mm SCR
38mm SCR
38mm SCR
50mm SCR
50mm SCR
50mm SCR
50mm SCR
0.00045
0.00013
0.00008
0.00024
0.00005
0.00006
0.000325
0.000416
0.001179
0.00010
-0.00013
0.000620
0.000074
0.000135
0.000225
0.02836
0.02065
0.01128
0.00319
0.00766
0.00061
0.01882
0.00060
-0.03631
0.03081
0.03756
0.01789
0.03286
0.00104
-0.00178
R7S0 _ _ 08XX00
R7S0 _ _ 12XX00
R7S0 _ _ 16XX00
R9G0 _ _ 12XX00
R9G0 _ _ 18XX00
R9G0 _ _ 22XX00
T7S0 _ _ 6504DN
T7S0 _ _ 7504DN
T820 _ _ 6003DH
T820 _ _ 7503DH
T820 _ _ 9003DH
T9G0 _ _ 0803DH
T9G0 _ _ 1003DH
T9G0 _ _ 1203DH
T9GH _ _ 0903DH
2200-3000
1200-2200
800-1200
2200-3000
800-1200
400-800
1400-2200
800-1600
2200-3000
1200-2200
800-1400
2200-3000
1200-2000
800-1600
1200-2200
0.89605
0.63200
0.45000
0.39964
0.60627
0.46319
0.74419
0.58729
1.02841
0.88287
1.08412
1.43303
0.96195
0.55570
0.95642
-0.08108
-0.02192
0.02800
0.05540
-0.00168
0.02950
0.00380
0.06654
0.13475
-0.07743
-0.13881
-0.10092
-0.08755
0.05740
-0.00285
Comparable
Disc Device
Available Voltage
Range
A
B
C
D
Coefficients for VTM, VF, ModelŒ 
Element
Type
VTM, VF = A + B x LN(I) + C x I + D x
I (I = Amps Peak)
Coefficients are for Tj = 130°C, 50A through 3000A Peak
Module ratings for these elements are not shown, consult factory.
Œ

Ž
Element
Code
Element Code Reference


Similar Description - P2Z7ACB700W

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
C430AX550 POWEREX-C430AX550 Datasheet
196Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-400 Volts
FT3000AV POWEREX-FT3000AV Datasheet
155Kb / 4P
   Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com