Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SGU04AFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SGU04AFS
Description  Inverter (Un-Buffer)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SGU04AFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SGU04AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SGU04AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SGU04AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SGU04AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SGU04AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SGU04AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SGU04AFS
2007-11-01
3
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.8
VCC
× 0.8
1.4~1.6
VCC
× 0.8
VCC
× 0.8
1.65~
1.95
VCC
× 0.8
VCC
× 0.8
2.3~2.7
VCC
× 0.8
VCC
× 0.8
High-level
input voltage
VIH
3.0~3.6
VCC
× 0.8
VCC
× 0.8
V
0.9
GND
GND
1.1~1.3
VCC
× 0.2
VCC
× 0.2
1.4~1.6
VCC
× 0.2
VCC
× 0.2
1.65~
1.95
VCC
× 0.2
VCC
× 0.2
2.3~2.7
VCC
× 0.2
VCC
× 0.2
Low-level
input voltage
VIL
3.0~3.6
VCC
× 0.2
VCC
× 0.2
V
VIN = VIL
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3~2.7
2.0
2.0
High-level
output voltage
VOH
VIN=GND
IOH = −8.0 mA
3.0~3.6
2.48
2.48
V
VIN = VIH
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Low-level
output voltage
VOL
VIN= VCC
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage
current
IIN
VIN = 0~3.6V
0~3.6
±0.1
±1.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μA


Similar Part No. - TC7SGU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results

Similar Description - TC7SGU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04F TOSHIBA-TC7SZU04F_07 Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
TC7SHU04FS TOSHIBA-TC7SHU04FS Datasheet
149Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
TC7SHU04FE TOSHIBA-TC7SHU04FE Datasheet
147Kb / 5P
   INVERTER (Un-Buffer)
TC7WHU04FK TOSHIBA-TC7WHU04FK_09 Datasheet
181Kb / 7P
   Triple Inverter(Un-Buffer)
TC7PGU04FU TOSHIBA-TC7PGU04FU Datasheet
276Kb / 6P
   Dual Inverter (Un-Buffer)
2013-07-25
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com