Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST755C Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST755C
Description  Adjustable inverting negative output current mode PWM regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755C Datasheet(HTML) 2 Page - STMicroelectronics

  ST755C Datasheet HTML 1Page - STMicroelectronics ST755C Datasheet HTML 2Page - STMicroelectronics ST755C Datasheet HTML 3Page - STMicroelectronics ST755C Datasheet HTML 4Page - STMicroelectronics ST755C Datasheet HTML 5Page - STMicroelectronics ST755C Datasheet HTML 6Page - STMicroelectronics ST755C Datasheet HTML 7Page - STMicroelectronics ST755C Datasheet HTML 8Page - STMicroelectronics ST755C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ST755C
2/16
Contents
1
Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
6
Application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7
Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - ST755C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755CD STMICROELECTRONICS-ST755CD Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
ST755CD-TR STMICROELECTRONICS-ST755CD-TR Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
ST755CN STMICROELECTRONICS-ST755CN Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
More results

Similar Description - ST755C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
logo
Maxim Integrated Produc...
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
   -5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
   -5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
August 2002
logo
Maxim Integrated Produc...
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
logo
STMicroelectronics
ST735S STMICROELECTRONICS-ST735S Datasheet
338Kb / 11P
   300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
October 2002
logo
Maxim Integrated Produc...
MAX750A MAXIM-MAX750A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
MAX635 MAXIM-MAX635 Datasheet
373Kb / 8P
   Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
MAX636ACPA MAXIM-MAX636ACPA Datasheet
377Kb / 8P
   Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com