Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ53 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMZ53
Description  Constant Voltage Regulation Transient Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZ53 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMZ53 Datasheet HTML 1Page - Toshiba Semiconductor CMZ53 Datasheet HTML 2Page - Toshiba Semiconductor CMZ53 Datasheet HTML 3Page - Toshiba Semiconductor CMZ53 Datasheet HTML 4Page - Toshiba Semiconductor CMZ53 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMZ12~CMZ53
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Zener Voltage
Vz (V)
Zener Impedance
rd (Ω)
Temperature
Coefficient
Of Zener
Forward Voltage
VF (V)
Reverse Current
IR (μA)
αT (mV/°C)
Type
Min
Typ.
Max
Measure-
ment
Current
IZ (mA)
Max
Measure-
ment
Current
IZ (mA)
Typ.
Max
Max
Measure-
ment
Current
IF (A)
Max
Measure-
ment
Voltage
VR (V)
CMZ12
10.8
12
13.2
10
30
10
8
13
1.2
0.2
10
8
CMZ13
11.7
13
14.3
10
30
10
9
14
1.2
0.2
10
9
CMZ15
13.5
15
16.5
10
30
10
11
17
1.2
0.2
10
10
CMZ16
14.4
16
17.6
10
30
10
12
19
1.2
0.2
10
11
CMZ18
16.2
18
19.8
10
30
10
14
23
1.2
0.2
10
13
CMZ20
18.0
20
22.0
10
30
10
16
26
1.2
0.2
10
14
CMZ22
19.8
22
24.2
10
30
10
18
28
1.2
0.2
10
16
CMZ24
21.6
24
26.4
10
30
10
20
32
1.2
0.2
10
17
CMZ27
24.3
27
29.7
10
30
10
23
36
1.2
0.2
10
19
CMZ30
27.0
30
33.0
10
30
10
25
40
1.2
0.2
10
21
CMZ33
29.7
33
36.3
10
30
10
26
41
1.2
0.2
10
26.4
CMZ36
32.4
36
39.6
9
30
9
28
45
1.2
0.2
10
28.8
CMZ39
35.1
39
42.9
8
35
8
30
48
1.2
0.2
10
31.2
CMZ43
38.7
43
47.3
7
40
7
33
53
1.2
0.2
10
34.4
CMZ47
42.3
47
51.7
6
65
6
38
60
1.2
0.2
10
37.6
CMZ51
45.9
51
56.1
6
65
6
43
68
1.2
0.2
10
40.8
CMZ53
47.7
53
58.3
5
85
5
49
77
1.2
0.2
10
42.4
Marking
Abbreviation Code
Part No.
12
CMZ12
13
CMZ13
15
CMZ15
16
CMZ16
18
CMZ18
20
CMZ20
22
CMZ22
24
CMZ24
27
CMZ27
30
CMZ30
33
CMZ33
36
CMZ36
39
CMZ39
43
CMZ43
47
CMZ47
51
CMZ51
53
CMZ53


Similar Part No. - CMZ53

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
CMZ53 TAYCHIPST-CMZ53 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
logo
SUNMATE electronic Co.,...
CMZ5333B SUNMATE-CMZ5333B Datasheet
1Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Central Semiconductor C...
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMZ5334B CENTRAL-CMZ5334B Datasheet
790Kb / 4P
   SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
CMZ5335B CENTRAL-CMZ5335B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
More results

Similar Description - CMZ53

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
   DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
   CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com