Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SH32FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SH32FE
Description  2 Input OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH32FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SH32FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SH32FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SH32FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SH32FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SH32FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TC7SH32FE
2004-02-08
2
Logic Diagram
Truth Table
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
OUT Y
> 1
IN A
IN B
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~ VCC
V
Operating temperature
Topr
−40~85
°C
0~100 ( VCC = 3.3 V ± 0.3 V )
Input rise and fall time
dt/dv
0~20 ( VCC = 5 V ± 0.5 V )
ns/V
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test
Circuit
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
High-level input
voltage
VIH
3.0~5.5
VCC
× 0.7
VCC
× 0.7
V
2.0
0.5
0.5
Low-level input
voltage
VIL
3.0~5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 µA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-level
output voltage
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
V
2.0
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 50 µA
4.5
0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-level output
voltage
VOL
VIN = VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
µA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
µA


Similar Part No. - TC7SH32FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F Datasheet
197Kb / 5P
   2-INPUT OR GATE
TC7SH32FS TOSHIBA-TC7SH32FS Datasheet
150Kb / 6P
   2-INPUT OR GATE
TC7SH32FU TOSHIBA-TC7SH32FU Datasheet
197Kb / 5P
   2-INPUT OR GATE
TC7SH32FU TOSHIBA-TC7SH32FU_09 Datasheet
173Kb / 7P
   2-Input OR Gate
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results

Similar Description - TC7SH32FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com