Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SH126FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SH126FS
Description  Bus Buffer with 3-STATE Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH126FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SH126FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SH126FS
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.6
8.0
1.0
9.5
3.3
± 0.3
50
8.1
11.5
1.0
13.0
15
3.8
5.5
1.0
6.5
Propagation delay
time
tpLH
tpHL
5.0
± 0.5
50
5.3
7.5
1.0
8.5
ns
15
5.4
8.0
1.0
9.5
3.3
± 0.3
50
7.9
11.5
1.0
13.0
15
3.6
5.1
1.0
6.0
3-state output
enable time
tpZL
tpZH
5.0
± 0.5
50
5.1
7.1
1.0
8.0
ns
3.3
± 0.3
50
9.5
13.2
1.0
15.0
3-state output
disable time
tpLZ
tpHZ
5.0
± 0.5
50
6.1
8.8
1.0
10.0
ns
Input capacitance
CIN
4
10
10
pF
Output
capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note)
15
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC


Similar Part No. - TC7SH126FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH126F TOSHIBA-TC7SH126F Datasheet
162Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.3.0
TC7SH126FE TOSHIBA-TC7SH126FE Datasheet
147Kb / 5P
   Bus Buffer
TC7SH126FU TOSHIBA-TC7SH126FU Datasheet
132Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-05-16 Rev.3.0
TC7SH126FU TOSHIBA-TC7SH126FU_09 Datasheet
174Kb / 6P
   Bus Buffer with 3-STATE Output
TC7SH126F TOSHIBA-TC7SH126F_09 Datasheet
174Kb / 6P
   Bus Buffer with 3-STATE Output
More results

Similar Description - TC7SH126FS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com