Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SHU04FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SHU04FE
Description  INVERTER (Un-Buffer)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SHU04FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SHU04FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SHU04FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SHU04FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SHU04FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SHU04FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SHU04FE
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SHU04FE
INVERTER (Un-Buffer)
Features
• Super high speed operation :tPD = 3.5 ns (typ.)
@VCC = 5 V
• Low power dissipation : ICC = 2 μA (Max.)
@ Ta = 25°C
• High noise immunity : VNIH = VNIH
= 10% VCC (Min.)
• 5.5V tolerant input.
Wide operation voltage range : VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~7
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
150
mW
Storage temperature
Tstg
−65~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Weight: 0.003 g (typ.)
Type name
H 6
NC
IN A
GND
1
2
3
5
4
VCC
OUT Y


Similar Part No. - TC7SHU04FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SHU04F TOSHIBA-TC7SHU04F Datasheet
194Kb / 5P
   INVERTER
TC7SHU04FS TOSHIBA-TC7SHU04FS Datasheet
149Kb / 6P
   INVERTER (Un-Buffer)
TC7SHU04FU TOSHIBA-TC7SHU04FU Datasheet
194Kb / 5P
   INVERTER
TC7SHU04FU TOSHIBA-TC7SHU04FU_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
More results

Similar Description - TC7SHU04FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04F TOSHIBA-TC7SZU04F_07 Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
TC7SHU04FS TOSHIBA-TC7SHU04FS Datasheet
149Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04AFS TOSHIBA-TC7SGU04AFS Datasheet
174Kb / 6P
   Inverter (Un-Buffer)
TC7WHU04FK TOSHIBA-TC7WHU04FK_09 Datasheet
181Kb / 7P
   Triple Inverter(Un-Buffer)
TC7PGU04FU TOSHIBA-TC7PGU04FU Datasheet
276Kb / 6P
   Dual Inverter (Un-Buffer)
2013-07-25
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com