Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM50E2Y Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM50E2Y
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM50E2Y Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM50E2Y Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM50E2Y/E3Y-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Diode part (D2), Tj=25
°C)
Symbol
IRRM
VFM
trr
Qrr
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Forward voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
Contact thermal resistance
Test conditions
VR=VRRM, Tj=150
°C
IF=50A
IF=50A, di/dt=–100A/
µs, VR=300V, Tj=150°C
Junction to case
Conductive grease applied (case to fin)
Unit
mA
V
µs
µC
°C/W
°C/W
Limits
Min.
Typ.
Max.
5.0
1.5
0.9
20
0.65
0.15
PERFORMANCE CURVES
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
1
10
0
10
7
5
4
3
2
–1
10
7
5
4
3
2
1.2
1.6
2.0
2.4
2.8
3.2
VCE=2.0V
Tj=25°C
100
80
60
40
20
0
0
1
2
345
Tj=25°C
IB=1A
IB=0.65A
IB=0.3A
IB=0.2A
IB=0.1A
–1
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
VCE=2.0V
VCE=5.0V
Tj=25°C
Tj=125°C
1
10
3
10
7
5
4
3
2
2
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
Tj=25°C
Tj=125°C
VBE(sat)
VCE(sat)
IB=0.65A


Similar Part No. - QM50E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM500 MITSUBISHI-QM500 Datasheet
66Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM500HA-H MITSUBISHI-QM500HA-H Datasheet
66Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM50CY-H MITSUBISHI-QM50CY-H Datasheet
72Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24 MITSUBISHI-QM50DY-24 Datasheet
83Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM50E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com