Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM50E2Y Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM50E2Y
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM50E2Y Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM50E2Y Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM50E2Y Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM50E2Y/E3Y-H
HIGH POWER SWITCHING USE
INSULATED TYPE
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
2
10
1
10
0
10
–1
10
3
10
2
10
1
10
0
10
100
80
60
40
20
0
0
20
60
100 120
160
40
80
140
10
30
50
70
90
7
0
10
1
10
7
5
4
3
2
0
10
7
5
4
3
34 5
2 34 5 7
1
10
3
2
–1
10
2
tf
Tj=25°C
Tj=125°C
IC=50A
IB1=1A
VCC=300V
ts
160
0
0
200
400
600
800
120
80
40
20
60
100
140
Tj=125°C
IB2=–1A
–3A
–5A
–1
10
7
5
4
3
2
–2
10
7
5
4
3
2
0
1
2
3
4
5
0
10
Tj=25°C
Tj=125°C
IC=30A
IC=20A
IC=50A
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
2
Tj=25°C
Tj=125°C
ton
IB1=–IB2=1A
VCC=300V
ts
tf
COLLECTOR
DISSIPATION
SECOND BREAK-
DOWN AREA
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
TC=25°C
10ms
100µs
500µs
NON-REPETITIVE


Similar Part No. - QM50E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM500 MITSUBISHI-QM500 Datasheet
66Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM500HA-H MITSUBISHI-QM500HA-H Datasheet
66Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM50CY-H MITSUBISHI-QM50CY-H Datasheet
72Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24 MITSUBISHI-QM50DY-24 Datasheet
83Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM50E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com