Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CVA120 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM100CVA120
Description  Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100CVA120 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM100CVA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM100CVA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM100CVA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM100CVA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM100CVA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM100CVA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase
IGBT Inverter Output
100 Amperes/1200 Volts
431
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM75CVA120 is a 1200V,
75 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
100
120
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.72
120.0
B
4.02
102.0
C
0.95+0.04/-0.02
24.1+1.0/-0.5
D
4.13
±0.010
105.0
±0.25
E
3.43
±0.010
87.0
±0.25
F
0.16
4.0
G
0.95
24.1
H
0.42
10.6
J
0.87
22.0
K
3.51
±0.02
89.2
±0.5
L
0.47
12.0
M
0.48
12.3
N
0.77
19.5
P
0.30
7.5
Dimensions
Inches
Millimeters
Q
0.59
15.1
R
0.72
18.25
S
M5 Metric
M5
T
0.22 Dia.
Dia. 5.5
U
0.56
±0.010
14.1
±0.25
V
1.72
±0.012
43.57
±0.3
W
0.57
±0.012
14.6
±0.3
X
3.35
85.2
Y
0.85
21.6
Z
0.10
±0.010
2.54
±0.25
AA
0.137
±0.010
3.49
±0.25
BB
0.02 SQ
0.64 SQ
CC
0.12+0.04/-0.02
3.0+1.0/-0.5
OUT
TEMP
Si
GND
NW
V
U
P
RfO
VCC
FO
IN
TH
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
RfO
= 1.5k OHM
TERMINAL CODE
1. WFO
2. VWPC
3. WP
4. VWP1
5. VFO
6. VVPC
7. VP
8. VVP1
9. UFO
10. VUPC
11. UP
12. VUP1
13. NC
14. FO
15. VNC
16. VN1
17. UN
18. VN
19. WN
S NUTS (5 TYP.)
T (4 TYP.)
D
P
A
B K E
1234
5678
910 11 12
13 14 15 16
17 18 19
NP
UV
W
J
TYP.
N
V
U
R
P
U
M
L - TYP.
M
Q
C
G
F
H
Y
XW
Z - TYP.
AA - TYP.
BB SQ PIN - TYP.
(19 PLACES)
CCØ
(4 PLACES)
DETAIL A
SEE
DETAIL A
PM100CVA120


Similar Part No. - PM100CVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
61Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
80Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
83Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CVA120 MITSUBISHI-PM100CVA120_05 Datasheet
80Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CVA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CSD120 POWEREX-PM100CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM75CVA120 POWEREX-PM75CVA120 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM50CSD120 POWEREX-PM50CSD120 Datasheet
97Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com