Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3663IWO-4.2-1-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3663IWO-4.2-1-T1
Description  1A Linear Li-Ion Battery Charger for Single and Dual Cell Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3663IWO-4.2-1-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3663IWO-4.2-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3663IWO-4.2-1-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
indicate the presence of power on the input supply pin.
This open drain MOSFET switch may be used to either
power a display LED or to alert a system microcon-
troller for the presence on input power.
Battery Charging Operation
Figure 1 illustrates the entire battery charging profile
and operation, which consists of three phases:
1. Preconditioning (Trickle) Charge
2. Constant Current Charge
3. Constant Voltage Charge
When power is initially applied or when a battery pack
is connected to the BAT pin, battery charging com-
mences after the AAT3663 checks several conditions
in order to maintain a safe charging environment. The
input supply must be above the minimum operating
voltage (UVLO) and the enable pin must be high (inter-
nally pulled down). When the battery is connected to
the BAT pin the AAT3663 checks the condition of the
battery and determines which charging mode to apply.
Battery Preconditioning
If the battery voltage is below V
MIN, the AAT3663 begins
battery trickle charging by charging at 10% of the pro-
grammed constant-current. For example, if the pro-
grammed current is 500mA, then the trickle charge cur-
rent is 50mA. Trickle charging is a recommended safe-
ty precaution for a deeply discharged cell and maxi-
mizes the charge cycle life of the battery. In addition,
charger IC power dissipation for the internal series pass
MOSFET is minimized when the input-output voltage
differential is at its highest. This in turn allows the
charging operation to commence over wider thermal
and input to output voltage differential conditions.
Constant Current Charging
Trickle charging continues until the battery voltage
reaches the V
MIN threshold. At this point, the AAT3663
begins constant-current fast charging. The current
level for this mode is programmed using a single resis-
tor from the ISET pin to ground. Programmed current
can be set at a minimum 100mA up to a maximum 1A.
Constant Voltage Charging
Constant current charging continues until such time
that the battery voltage reaches the voltage regulation
point V
BAT_REG.
When the battery voltage reaches
V
BAT_REG, the AAT3663 will transition to the constant-
voltage mode. The regulation voltage is factory pro-
grammed to a nominal 4.2V for the AAT3663-4.2
option and to 8.4V for the AAT3663-8.4 option. Under
default conditions with the TERM pin not connected
(open circuit), constant voltage charging will continue
until the charge current has reduced to 10% of the pro-
grammed current.
Placing a resistor between the
TERM pin and ground allows the user to program a
desired termination current.
After the charge cycle is complete, the AAT3663 turns
off the series pass device and automatically goes into
a power saving sleep mode. During this time the series
pass device will block current in both directions there-
fore preventing the battery discharging through the IC.
The AAT3663 will remain in sleep mode, until either the
battery terminal voltage drops below the V
RCH thresh-
old, the charger EN pin is recycled or the charging
power source is reconnected. In all cases the
AAT3663 will monitor all battery parameters and
resume charging in the appropriate mode.
AAT3663
1A Linear Li-Ion Battery Charger
for Single and Dual Cell Applications
3663.2007.10.1.0
11
Figure 1: Current and Voltage Profile During Charging Phases.
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Preconditioning
Trickle Charge
Phase
Charge Complete Voltage
Constant Current Mode
Voltage Threshold
Regulated Current
Trickle Charge and
Termination Threshold
I = CC / 10
I = Max CC


Similar Part No. - AAT3663IWO-4.2-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3663IWO-4.2-1-T1 ANALOGICTECH-AAT3663IWO-4.2-1-T1 Datasheet
369Kb / 23P
   1A Linear Li-Ion Battery Charger for Single and Dual Cell Applications
More results

Similar Description - AAT3663IWO-4.2-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3663 ANALOGICTECH-AAT3663_08 Datasheet
369Kb / 23P
   1A Linear Li-Ion Battery Charger for Single and Dual Cell Applications
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com