Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100DSA120 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM100DSA120
Description  Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100DSA120 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM100DSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM100DSA120
Intellimod™ Module
Single Phase IGBT Inverter Output
100 Amperes/1200 Volts
650
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICEX
VCE = VCEX, Tj = 25°C—
1
mA
VCE = VCEX, Tj = 125°C—
10
mA
Diode Forward Voltage
VFM
-IC = 100A, VD = 15V, VCIN = 5V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 100A
2.3
3.2
Volts
VD = 15V, VCIN = 0V, IC = 100A,
2.1
2.9
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.4
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 5V
0.2
0.4
µS
tC(on)
VCC = 600V, IC = 100A
0.4
1.0
µS
toff
Tj = 125°C
2.5
3.5
µS
tC(off)
0.6
1.1
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
0.21
°C/Watt
Rth(j-c)D
Each FWDi
0.35
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.060
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across C1-E2 Terminals
0 ~ 800
Volts
VD
Applied between VP1-VPC, VN1-VNC
15
± 1.5
Volts
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
4.0 ~ VSXR Volts
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tDEAD
Input Signal
≥ 3.5
µS


Similar Part No. - PM100DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
65Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120_00 Datasheet
65Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100DSA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CVA120 POWEREX-PM100CVA120 Datasheet
186Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CSD120 POWEREX-PM100CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com