Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-P1CP012W1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-P1CP012W1
Description  QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P1CP012W1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-P1CP012W1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P1CP012W1 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FTR-P1 SERIES (QUIET TYPE)
NOT
FOR
NEW
DESIGN
s DIMENSIONS
s REFERENCE DATA
q Dimensions
P1CP012W1
F&T
9616
q Schematic
(BOTTOM VIEW)
q Mounting hole layout (BOTTOM VIEW)
Unit : mm
21.8
+0.2
16.9
+0.6
(2.3)
(2.45)
12.0
12.2
2.1
5-¿ 1.2
4
3
5
2
1
Tolerance –0.1
N.C.
N.O.
COM
FTR-P1
n = 100
Operate
Release
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
80
60
40
20
0
10 20 30 40 50 60 70 80
0
FTR-P1
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
100
80
60
20
40
0
1
234
5678
0
Contact resistance (m
Ω)
Distribution of contact resistance
FTR-P1
n = 100
100
80
60
20
40
0
10 203040 50607080
0


Similar Part No. - FTR-P1CP012W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P2 FUJITSU-FTR-P2 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2 FUJITSU-FTR-P2 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2CN009W1 FUJITSU-FTR-P2CN009W1 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2CN009W1 FUJITSU-FTR-P2CN009W1 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2CN010W1 FUJITSU-FTR-P2CN010W1 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
More results

Similar Description - FTR-P1CP012W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com