Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3352K Datasheet(PDF) 6 Page - EPCOS

Part # K3352K
Description  IF Filter for Quasi/Split Sound Applications 38,00 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3352K Datasheet(HTML) 6 Page - EPCOS

  K3352K Datasheet HTML 1Page - EPCOS K3352K Datasheet HTML 2Page - EPCOS K3352K Datasheet HTML 3Page - EPCOS K3352K Datasheet HTML 4Page - EPCOS K3352K Datasheet HTML 5Page - EPCOS K3352K Datasheet HTML 6Page - EPCOS K3352K Datasheet HTML 7Page - EPCOS K3352K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Mar 31, 2006
SAW Components
K 3352 K
38,00 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Frequency response of picture channel
Time domain response of picture channel


Similar Part No. - K3352K

ManufacturerPart #DatasheetDescription
logo
EPCOS
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
PETERMANN-TECHNIK
K3351K PETERMANN-K3351K Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
logo
NEC
K3353 NEC-K3353 Datasheet
43Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - K3352K

ManufacturerPart #DatasheetDescription
logo
EPCOS
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,00 MHz
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K2959M EPCOS-K2959M Datasheet
90Kb / 6P
   IF Filter for Intercarrier Applications 38,00 MHz
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com