Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRG02 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CRG02
Description  DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRG02 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CRG02 Datasheet HTML 1Page - Toshiba Semiconductor CRG02 Datasheet HTML 2Page - Toshiba Semiconductor CRG02 Datasheet HTML 3Page - Toshiba Semiconductor CRG02 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRG01,CRG02
2006-11-06
2
Marking
Abbreviation Code
Part No.
G1
CRG01
G2
CRG02
Standard Soldering Pad
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the
absolute maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for
an AC circuit. VRRM has a temperature coefficient of 0.1%/°C. Take this temperature coefficient into
account designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV). Carry out adequate heat design. If you can’t design a circuit with excellent heat radiation,
set the margin by using an allowable Tamax-IF(AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180.
Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120°C under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.
2.8
1.2
1.2
Unit: mm


Similar Part No. - CRG02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRG02 TOSHIBA-CRG02 Datasheet
137Kb / 3P
   DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
CRG02 TOSHIBA-CRG02 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
logo
Tyco Electronics
CRG0201F100K MACOM-CRG0201F100K Datasheet
131Kb / 3P
   Type CRG Series
CRG0201F100K MACOM-CRG0201F100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
CRG0201F100K MACOM-CRG0201F100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - CRG02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRG01 TOSHIBA-CRG01 Datasheet
137Kb / 3P
   DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
SEMTECH ELECTRONICS LTD...
S5566B SEMTECH_ELEC-S5566B Datasheet
190Kb / 1P
   SILICON DIFFUSED TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS
logo
Toshiba Semiconductor
3BZ41 TOSHIBA-3BZ41 Datasheet
188Kb / 3P
   RECTIFIER SILICON DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
3DZ41 TOSHIBA-3DZ41 Datasheet
169Kb / 3P
   SILICON DIFFUSED TYPE (GENERAL PURPOSE RECTFIER APPLICATIONS)
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com