Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100RSA060 Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # PM100RSA060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100RSA060 Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  PM100RSA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 6Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 7Page - Powerex Power Semiconductors PM100RSA060 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
569
PM100RSA060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
100 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Inverter Part
60
80
100
120
140
FAULT OUTPUT PULSE WIDTH VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
0
50
100
150
VD = 15V
11
12
13
14
15
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDENCY
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
150
0
50
100
UV
UV
r
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
101
10-1
100
101
100
10-1
10-2
10-3
0
0
SINGLE PULSE
STANDARD VALUE = Rth(j-c)Q = 0.6
oC/W
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)D = 1.5
oC/W
10-2
10-3


Similar Part No. - PM100RSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM100RSA060 MITSUBISHI-PM100RSA060 Datasheet
88Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM100RSA060 MITSUBISHI-PM100RSA060_00 Datasheet
88Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100RSA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM50RSA060 POWEREX-PM50RSA060 Datasheet
104Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM30RSF060 POWEREX-PM30RSF060 Datasheet
96Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
PM50RSK060 POWEREX-PM50RSK060 Datasheet
134Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com