Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F022T Datasheet(PDF) 6 Page - Macronix International

Part # MX29F022T
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022T Datasheet(HTML) 6 Page - Macronix International

Back Button MX29F022T_98 Datasheet HTML 2Page - Macronix International MX29F022T_98 Datasheet HTML 3Page - Macronix International MX29F022T_98 Datasheet HTML 4Page - Macronix International MX29F022T_98 Datasheet HTML 5Page - Macronix International MX29F022T_98 Datasheet HTML 6Page - Macronix International MX29F022T_98 Datasheet HTML 7Page - Macronix International MX29F022T_98 Datasheet HTML 8Page - Macronix International MX29F022T_98 Datasheet HTML 9Page - Macronix International MX29F022T_98 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
P/N:PM0556
REV. 0.6, DEC. 09, 1998
MX29F022T/B
TABLE 2. MX29F022T/B BUS OPERATION
Pins
CE
OE
WE
A0
A1
A6
A9
Q0~Q7
Mode
Read Silicon ID
L
L
H
L
L
X
V
ID(2)
C2H
Manfacturer Code(1)
Read Silicon ID
L
L
H
H
L
X
V
ID(2)
36H/37H
Device Code(1)
Read
L
L
H
A0
A1
A6
A9
D
OUT
Standby
H
X
X
X
X
X
X
HIGH Z
Output Disable
L
H
H
X
X
X
X
HIGH Z
Write
L
H
L
A0A1
A6A9
D
IN(3)
Chip Protect with 12V
L
V
ID(2)
L
X
X
L
V
ID(2)
X
system(6)
Chip Unprotect with 12V
L
V
ID(2)
L
X
X
H
V
ID(2)
X
system(6)
Verify chip Protect
L
L
H
X
H
X
V
ID(2)
Code(5)
with 12V system
Chip Protect without 12V
L
H
L
X
X
L
H
X
system (6)
Chip Unprotect without 12V
L
H
L
X
X
H
H
X
system (6)
Verify Chip Protect/Unprotect
L
L
H
X
H
X
H
Code(5)
without 12V system (7)
Reset
X
X
X
X
X
X
X
HIGH Z
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 1.
2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V.
3. Refer to Table 1 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H means unprotected.
Code=01H means protected.
6. Refer to chip protect/unprotect algorithm and waveform.
Must issue "unlock for chip protect/unprotect" command before "chip protect/unprotect without 12V system" command.
7. The "verify chip protect/unprotect without 12V sysytem" is only following "chip protect/unprotect without 12V system"
command.
INDEX


Similar Part No. - MX29F022T_98

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022TPC-12 MCNIX-MX29F022TPC-12 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022TPC-55 MCNIX-MX29F022TPC-55 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022TPC-70 MCNIX-MX29F022TPC-70 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022TPC-90 MCNIX-MX29F022TPC-90 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022TQC-12 MCNIX-MX29F022TQC-12 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022T_98

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com