Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPT
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPT Datasheet(HTML) 4 Page - Texas Instruments

  PCM1774RGPT Datasheet HTML 1Page - Texas Instruments PCM1774RGPT Datasheet HTML 2Page - Texas Instruments PCM1774RGPT Datasheet HTML 3Page - Texas Instruments PCM1774RGPT Datasheet HTML 4Page - Texas Instruments PCM1774RGPT Datasheet HTML 5Page - Texas Instruments PCM1774RGPT Datasheet HTML 6Page - Texas Instruments PCM1774RGPT Datasheet HTML 7Page - Texas Instruments PCM1774RGPT Datasheet HTML 8Page - Texas Instruments PCM1774RGPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Load resistance
16
200 Hz, 140 mVPP
–40
PSRR
Power-supply rejection ratio
1 kHz, 140 mVPP
–45
dB
20 kHz, 140 mVPP
–32
Line Input to Headphone Output Through Mixing Path (HPOL and HPOR)
RL = 16 Ω or 32 Ω, ALC = OFF, volume = 0 dB, speaker = powered down, analog mixing = enabled, not capless mode
DYNAMIC PERFORMANCE
2.828
VPP
Full-scale output voltage
0 dB
1
Vrms
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
93
dB
Load resistance
16
Filter Characteristics
INTERPOLATION FILTER FOR DAC
Pass band
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group delay
19/fs
s
De-emphasis error
±0.1
dB
ANALOG FILTER
Frequency response
f = 20 kHz
±0.2
dB
Power Supply and Supply Current
VIO
1.71
3.3
3.6
VDD
1.71
3.3
3.6
Voltage range
Vdc
VCC
2.4
3.3
3.6
VPA
2.4
3.3
3.6
BPZ input, all active, no load
4.5
10
mA
Supply current
All inputs are held static
1
10
μA
BPZ input
14.8
33
mW
Power dissipation
All inputs are held static
3.3
33
μW
Temperature Condition
Operation temperature
–40
85
°C
θJA
Thermal resistance
40
°C/W
4
Submit Documentation Feedback


Similar Part No. - PCM1774RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770 TI-PCM1770 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770PW TI-PCM1770PW Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770PW TI-PCM1770PW Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770PWG4 TI-PCM1770PWG4 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
More results

Similar Description - PCM1774RGPT

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6337 MOSA-MS6337_1 Datasheet
642Kb / 20P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com