Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21962 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS21962
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21962 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS21962 Datasheet HTML 1Page - Powerex Power Semiconductors PS21962 Datasheet HTML 2Page - Powerex Power Semiconductors PS21962 Datasheet HTML 3Page - Powerex Power Semiconductors PS21962 Datasheet HTML 4Page - Powerex Power Semiconductors PS21962 Datasheet HTML 5Page - Powerex Power Semiconductors PS21962 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS21962, PS21962-A, PS21962-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VD = VDB = 15V, IC = 5A, VIN = 5V, Tj = 25°C
1.70
2.20
Volts
VD = VDB = 15V, IC = 5A, VIN = 5V, Tj = 125°C
1.80
2.30
Volts
Diode Forward Voltage
VEC
-IC = 5A, VIN = 0V
1.70
2.20
Volts
Inductive Load Switching Times
ton
0.50
1.00
1.60
µS
trr
VCC = 300V, VD = VDB = 15V,
0.30
µS
tC(on)
IC = 5A, Tj = 125°C,
0.30
0.50
µS
toff
VIN = 0 ⇔ 5V, Inductive Load,
1.40
2.00
µS
tC(off)
0.50
0.80
µS
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C
1.0
mA
VCE = VCES, Tj = 125°C
10
mA
Control Sector
Circuit Current
ID
VIN = 5V
Total of VP1-VNC, VN1-VNC
2.80
mA
VD = VDB = 15V
VUFB-U, VVFB-V, VWFB-W
0.55
mA
VIN = 0V
Total of VP1-VNC, VN1-VNC
2.80
mA
VUFB-U, VVFB-V, VWFB-W
0.55
mA
Fault Output Voltage
VFOH
VSC = 0V, FO Terminal Pull-up to 5V by 10kΩ
4.9
Volts
VFOL
VSC = 1V, IFO = 1mA
0.95
Volts
Input Current
IIN
VIN = 5V
0.70
1.00
1.50
mA
Short Circuit Trip Level*
VSC(ref)
VD = 15V*
0.43
0.48
0.53
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
12.0
Volts
UVDBr
Reset Level, Tj ≤ 125°C
10.5
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
13.0
Volts
Fault Output Pulse Width**
tFO
20
µs
ON Threshold Voltage
Vth(on)
Applied between
2.1
2.6
Volts
OFF Threshold Voltage
Vth(off)
UP, VP, WP-VNC,
0.8
1.3
Volts
ON/OFF Threshold Hysteresis Voltage
Vth(hys)
UN, VN, WN-VNC
0.35
0.65
Volts
* Short Circuit protection is functioning only for the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 1.7 times the current rating.
**Fault signal is asserted only for a UV or SC condition on the low side. On a SC fault the FO duration will be 20µsec. On a UV condition the fault signal will be asserted as long as the
UV condition exists or for 20µsec, whichever is longer.


Similar Part No. - PS21962

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21962-4A MITSUBISHI-PS21962-4A Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4A MITSUBISHI-PS21962-4A Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21962-4C MITSUBISHI-PS21962-4C Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21962

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21542-G POWEREX-PS21542-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
   Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com