Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F022BQC-12 Datasheet(PDF) 11 Page - Macronix International

Part # MX29F022BQC-12
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022BQC-12 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29F022BQC-12 Datasheet HTML 7Page - Macronix International MX29F022BQC-12 Datasheet HTML 8Page - Macronix International MX29F022BQC-12 Datasheet HTML 9Page - Macronix International MX29F022BQC-12 Datasheet HTML 10Page - Macronix International MX29F022BQC-12 Datasheet HTML 11Page - Macronix International MX29F022BQC-12 Datasheet HTML 12Page - Macronix International MX29F022BQC-12 Datasheet HTML 13Page - Macronix International MX29F022BQC-12 Datasheet HTML 14Page - Macronix International MX29F022BQC-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
P/N:PM0556
REV. 0.6, DEC. 09, 1998
MX29F022T/B
Q3
Sector Erase Timer
After the completion of the initial sector erase command
sequence th sector erase time-out will begin. Q3 will
remain low until the time-out is complete. Data Polling
and Toggle Bit are valid after the initial sector erase
command sequence.
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, Q3 may be
used to determine if the sector erase timer window is
still open. If Q3 is high ("1") the internally controlled
erase cycle has begun; attempts to write subsequent
commands to the device will be ignored until the erase
operation is completed as indicated by Data Polling or
Toggle Bit. If Q3 is low ("0"), the device will accept
additional sector erase commands. To insure the
command has been accepted, the system software
should check the status of Q3 prior to and following each
subsequent sector erase command. If Q3 were high
on the second status check, the command may not have
been accepted.
DATA PROTECTION
The MX29F022T/B is designed to offer protection
against accidental erasure or programming caused by
spurious system level signals that may exist during power
transition. During power up the device automatically
resets the state machine in the Read mode. In addition,
with its control register architecture, alteration of the
memor y contents only occurs after successful
completion of specific command sequences. The
device also incorporates several features to prevent
inadvertent write cycles resulting from VCC power-up
and power-down transition or system noise.
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns(typical) on CE or WE will
not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE = VIL, CE =
VIH or WE = VIH. To initiate a write cycle CE and WE
must be a logical zero while OE is a logical one.
POWER SUPPLY DECOUPLING
In order to reduce power switching effect, each device
should have a 0.1uF ceramic capacitor connected be-
tween its VCC and GND.
CHIP PROTECTION WITH 12V SYSTEM
The MX29F022T/B features hardware chip protection,
which will disable both program and erase operations.
To activate this mode, the programming equipment must
force VID on address pin A9 and control pin OE, (sug-
gest VID = 12V) A6 = VIL and CE = VIL.(see Table 2)
Programming of the protection circuitry begins on the
falling edge of the WE pulse and is terminated on the
rising edge. Please refer to chip protect algorithm and
waveform.
To verify programming of the protection circuitry, the
programming equipment must force VID on address pin
A9 ( with CE and OE at VIL and WE at VIH. When A1=1,
it will produce a logical "1" code at device output Q0 for
the protected status. Otherwise the device will produce
00H for the unprotected status. In this mode, the
addresses,except for A1, are in "don't care" state.
Address locations with A1 = VIL are reserved to read
manufacturer and device codes.(Read Silicon ID)
It is also possible to determine if the chip is protected in
the system by writing a Read Silicon ID command.
Performing a read operation with A1=VIH, it will produce
a logical "1" at Q0 for the protected status.
CHIP UNPROTECT WITH 12V SYSTEM
The MX29F022T/B also features the chip unprotect
mode, so that all sectors are unprotected after chip
unprotect is completed to incorporate any changes in
the code.
To activate this mode, the programming equipment must
force VID on control pin OE and address pin A9. The
CE pins must be set at VIL. Pins A6 must be set to
VIH.(see Table 2) Refer to chip unprotect algorithm and
waveform for the chip unprotect algorithm. The
unprotection mechanism begins on the falling edge of
the WE pulse and is terminated on the rising edge.
INDEX


Similar Part No. - MX29F022BQC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022BQC-12 MCNIX-MX29F022BQC-12 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022BQC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com