Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WG08FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WG08FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG08FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WG08FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG08FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WG08FU/FK
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
26.9
1.1~1.3
10.9
20.7
1.0
38.6
1.4~1.6
5.9
9.6
1.0
11.3
1.65~ 1.95
4.5
7.0
1.0
7.5
2.3~2.7
2.9
4.4
1.0
4.9
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.2
3.5
1.0
4.1
0.9
30.0
1.1~1.3
12.0
24.2
1.0
42.0
1.4~1.6
6.5
10.5
1.0
12.6
1.65~ 1.95
5.0
7.7
1.0
8.0
2.3~2.7
3.2
4.9
1.0
5.6
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.5
3.8
1.0
4.4
0.9
45.0
1.1~1.3
18.0
33.4
1.0
63.2
1.4~1.6
8.9
14.8
1.0
17.9
1.65~ 1.95
6.9
10.3
1.0
10.8
2.3~2.7
4.4
6.4
1.0
6.8
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.5
4.9
1.0
5.4
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note13)
0.9 ~ 3.6
10
pF
Note 13: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


Similar Part No. - TC7WG08FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG08FU TOSHIBA-TC7WG08FU_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results

Similar Description - TC7WG08FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH08FC TOSHIBA-TC7WH08FC Datasheet
149Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WG08FC TOSHIBA-TC7WG08FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WH08FU TOSHIBA-TC7WH08FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT AND GATE
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7S08FU KEC-KIC7S08FU Datasheet
284Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com