Selected language     English  ▼


TC7SZ86FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7SZ86FU
Description  EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TC7SZ86F/FU
2007-11-01
2
Logic Diagram
Truth Table
Input
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8~5.5
Supply voltage
VCC
1.5~5.5
(Note 1)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 2)
Output voltage
VOUT
0~VCC
(Note 3)
V
Operating temperature
Topr
−40~85
°C
0~20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0~10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~5 (VCC = 5.5 V ± 0.5 V)
ns/V
Note 1: Data retention only
Note 2: VCC = 0 V
Note 3: High or Low state
IN A
=1
IN B
OUT Y




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK74LS86Quad 2-Input Exclusive OR Gate 1 2 3 4 KODENSHI KOREA CORP.
KK74LV86Quad 2-Input Exclusive OR Gate 1 2 3 4 5 KODENSHI KOREA CORP.
MC10H107_06Triple 2−Input Exclusive OR/Exclusive NOR Gate 1 2 3 4 5 MoreON Semiconductor
TC7SG86AFSEXCLUSIVE OR GATE 1 2 3 4 5 MoreToshiba Semiconductor
MC10H113_06Quad Exclusive OR Gate 1 2 3 4 5 MoreON Semiconductor
TC7SG86FEEXCLUSIVE OR Gate 1 2 3 4 5 MoreToshiba Semiconductor
MC74HC86A_06Quad 2−Input Exclusive OR Gate High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
TC7SG86FUEXCLUSIVE OR Gate 1 2 3 4 5 MoreToshiba Semiconductor
MC74VHC1GT86_072−Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl