Selected language     English  ▼


TC7SZ86FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7SZ86FU
Description  EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7SZ86F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
0.75
× VCC
0.75
× VCC
High-level input
voltage
VIH
2.3-5.5
0.7
× VCC
0.7
× VCC
V
1.8
0.25
× VCC
0.25
× VCC
Low-level input
voltage
VIL
2.3-5.5
0.3
× VCC
0.3
× VCC
V
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
output voltage
VOH
VIN = VIH
or VIL
IOH = −32 mA
4.5
3.8
4.2
3.8
V
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level
output voltage
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0-5.5
±1
±10
μA
Power off
leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2
20
μA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK74LS86Quad 2-Input Exclusive OR Gate 1 2 3 4 KODENSHI KOREA CORP.
KK74LV86Quad 2-Input Exclusive OR Gate 1 2 3 4 5 KODENSHI KOREA CORP.
MC10H107_06Triple 2−Input Exclusive OR/Exclusive NOR Gate 1 2 3 4 5 MoreON Semiconductor
TC7SG86AFSEXCLUSIVE OR GATE 1 2 3 4 5 MoreToshiba Semiconductor
MC10H113_06Quad Exclusive OR Gate 1 2 3 4 5 MoreON Semiconductor
TC7SG86FEEXCLUSIVE OR Gate 1 2 3 4 5 MoreToshiba Semiconductor
MC74HC86A_06Quad 2−Input Exclusive OR Gate High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
TC7SG86FUEXCLUSIVE OR Gate 1 2 3 4 5 MoreToshiba Semiconductor
MC74VHC1GT86_072−Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl