Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH34FC Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WH34FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH34FC Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WH34FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WH34FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WH34FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WH34FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WH34FC Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TC7WH34FC
2007-11-01
2
Operating Ranges
Characteristics
Symbol
Rathing
Unit
Power supply voltage
VCC
2~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 V ± 0.5 V)
ns/V
DC Electrical Characteristics
Ta = 25°C
Ta =
−40~85°C
Characteristic
Symbol
Test condition
VCC (V)
Min.
Typ.
Max.
Min.
Max.
unit
2.0
1.5
1.5
High-level input voltage
VIH
3.0~5.5
VCC
× 0.7
VCC
× 0.7
2.0
0.5
0.5
Low-level input voltage
VIL
3.0~5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-level output voltage
VOH
VIN = VIH
IOH = −8 mA
4.5
3.94
3.80
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 μA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-level output voltage
VOL
VIN = VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Similar Part No. - TC7WH34FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH34FK TOSHIBA-TC7WH34FK Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FK TOSHIBA-TC7WH34FK Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WH34FK TOSHIBA-TC7WH34FK_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
More results

Similar Description - TC7WH34FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG34FU TOSHIBA-TC7WG34FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WG34FC TOSHIBA-TC7WG34FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com