Selected language     English  ▼


TC7SZU04AFE_07 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7SZU04AFE_07
Description  Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7SZU04AFE
2007-11-01
3
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test
Circuit
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
1.0
8.5
1.0
9.0
2.5
± 0.2
0.8
6.2
0.8
6.5
3.3
± 0.3
0.5
4.5
0.5
4.8
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.9
0.5
4.1
3.3
± 0.3
1.0
6.0
1.0
6.5
Propagation delay
time
tPLH
tPHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
5.0
0.8
5.5
ns
Input capacitance
CIN
0-5.5
5
pF
3.3
9
Power dissipation
capacitance
CPD
(Note)
5.5
25
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC
Marking
Pin Assignment (top view)
Truth Table
Logic Diagram
A
Y
L
H
H
L




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC1GU04SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
MC74HCT04A_06Hex Inverter 1 2 3 4 5 MoreON Semiconductor
MC74VHC1GT14_07Schmitt−Trigger Inverter / CMOS Logic Level Shifter LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
NL27WZ14_07Dual Schmitt−Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
NC7SV14TinyLogic ULP-A Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
NC7SP14_04TinyLogic ULP Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
GCU04AA-130HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
NC7SZ05TinyLogic UHS Inverter Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
LXM1643-12-6312V Quad 6W CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl