Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS02 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CRS02
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS02 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CRS02_06 Datasheet HTML 1Page - Toshiba Semiconductor CRS02_06 Datasheet HTML 2Page - Toshiba Semiconductor CRS02_06 Datasheet HTML 3Page - Toshiba Semiconductor CRS02_06 Datasheet HTML 4Page - Toshiba Semiconductor CRS02_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CRS02
2006-11-13
4
Number of cycles
Surge forward current
(non-repetitive)
Reverse voltage VR (V)
Cj – VR
(typ.)
Junction temperature Tj
(°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
1
100
10
0
8
24
32
4
16
20
28
12
Ta
= 25°C
f
= 50 Hz
1
10
50
10
100
100
f
= 1 MHz
Ta
= 25°C
30
500
300
0
20
120
80
40
60
100
10000
100
10
1000
100000
140
Pulse test
VR = 30 V
20
10
5
0
0
0.5
30
0.1
0.2
0.3
10
20
300°
DC
0.4
240°
180°
120°
60°


Similar Part No. - CRS02_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS02 TOSHIBA-CRS02 Datasheet
160Kb / 4P
   TRENCH SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY, PORTABLE EQUIPMENT BATTERY APPLICATIONS)
logo
Seiko Instruments Inc
CRS02 SII-CRS02 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
More results

Similar Description - CRS02_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com