Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH34FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WH34FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH34FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WH34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WH34FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WH34FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH34FU,TC7WH34FK
Triple Non-Inverter
The TC7WH34 is an advanced high speed CMOS Non-Inverter
fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation. The internal circuit is composed of 3 stages including
buffer output, which provide high noise immunity and stable
output. An input protection circuit ensures that 0 to 7 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• 5.5-V Tolerant inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
TC7WH34FU
TC7WH34FK
Pin Assignment (top view)
TC7WH34FU
TC7WH34FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)


Similar Part No. - TC7WH34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FU TOSHIBA-TC7WH34FU_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
More results

Similar Description - TC7WH34FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG34FU TOSHIBA-TC7WG34FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter
TC7WG34FC TOSHIBA-TC7WG34FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WH34FC TOSHIBA-TC7WH34FC Datasheet
147Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com