Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WZ38FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WZ38FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ38FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ38FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ38FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ38FU/FK
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.2
9.2
2.0
9.6
2.5
± 0.2
1.5
3.5
5.7
1.5
6.1
3.3
± 0.3
1.0
2.8
4.1
1.0
4.5
tpZL
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.5
2.2
3.4
0.5
3.6
1.8
± 0.15
2.0
4.6
9.2
2.0
9.6
2.5
± 0.2
1.5
3.2
5.7
1.5
6.1
3.3
± 0.3
1.0
2.4
4.1
1.0
4.5
Propagation delay time
tpLZ
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.5
1.6
3.4
0.5
3.6
ns
Input capacitance
CIN
0~5.5
3.0
pF
Output capacitance
COUT
0~5.5
2.5
pF
3.3
6.9
Power dissipation
capacitance
CPD
(Note 4)
5.5
13
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2
Test Circuit
AC Waveform
Output
VCC × 2
RL
CL
RL
Input
90%
tr 3 ns
50%
10%
50%
VCC
GND
50%
tpZL
VOL + 0.3 V
tpLZ
Output
VOH
VOL
tf 3 ns


Similar Part No. - TC7WZ38FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ32FK TOSHIBA-TC7WZ32FK Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ32FU TOSHIBA-TC7WZ32FU Datasheet
152Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ34FK TOSHIBA-TC7WZ34FK Datasheet
141Kb / 7P
   Triple Non Inverter
TC7WZ34FU TOSHIBA-TC7WZ34FU Datasheet
141Kb / 7P
   Triple Non Inverter
More results

Similar Description - TC7WZ38FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_07 Datasheet
263Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC7WG00FC TOSHIBA-TC7WG00FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com