Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9WMB1AFK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9WMB1AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1AFK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9WMB1AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
6
(3)
Acknowledge polling
Acknowledge polling is a feature for determining whether rewrite operation is in progress. During
rewrite operation, generate a start condition followed by a device address, and
W
R/
(
= 0 or 1). The
acknowledge feature does not generate an acknowledge signal while rewrite operation is in progress.
A low acknowledge signal is generated if rewriting has already completed.
If the next instruction is a write, supply a word address and write data subsequently. If the next
instruction is a read, supply a stop condition and then start read operation.
(4)
Write protection
When “high” is received to the write protection (WP) pin, the TC9WMB1A to protect the entire
memory area from being written and the TC9WMB2A to protect the bottom half (80h to FFh) of the
memory area from being written. Rewriting is allowed when “low” is received to the write protection
pin. While a write is in progress, driving the WP pin high does not stop write operation.
Reading is always enabled regardless of whether the WP pin is “high” or “low”
6. Read Operation
Read operation is performed in one of three modes: current address read, random read, and sequential
read.
For reading, a device receives a device address and
W
R/
(
= 1) after a start condition. After read data is
sent, terminate a read operation by generating a high acknowledge signal (or releasing the bus without
supplying an acknowledge signal) and then supplying a stop condition.
(1)
Current address read
The internal address counter maintains the address that is next to the last accessed (read or
written) word address (n). In current address read mode, data is read from address n
+ 1, as indicated
by the address counter.
In current address read mode, supplying a device address and
W
R/
(
= 1) after a start condition,
causes the device to generate a low acknowledge signal and send a data at the address indicated by
the internal address counter.
The address counter is incremented on the falling edge of the SCL pulse where a data at the eighth
bit is sent. If the previous operation was reading data from the last address, the current address is
rolled over to address 0. If the previous operation was writing data to the last address of the page, the
address is rolled over to the first address of the page.
The current address is maintained in an internal register so that it is lost when the power is turned
off. For the first read after power-up, specify an address by performing a random read.
Figure 7
SDA LINE
1 0 1 0
1
D
6
D
4
D
5
D
3
D
1
D
2
D
0
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
R
E
A
D
L
S
B
A
C
K
R
/
W
D
7
READ
DATA
S
T
O
P
N
O
A
C
K
Address
increment
A
1
A
2
A
0


Similar Part No. - TC9WMB1AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Similar Description - TC9WMB1AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com