Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9WMB4FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9WMB4FU
Description  CMOS Digital Integrated Circuits Silicon Monolithic 4096-Bit (5128-Bit) 2-Wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB4FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9WMB4FU Datasheet HTML 1Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB4FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TC9WMB4FU
2007-10-19
4
3. Acknowledge
Data is transmitted in 8-bit units. The device sends “low” of an acknowledge signal, by pulling SDA
during the 9th clock cycle, indicating that it has received data normally. The host releases the bus in the 9th
clock cycle to receive an acknowledge signal.
During a write operations, the device is always the receiver so that an acknowledge signal is sent each
time it has received 8-bit of data.
During a read operations, the device sends an acknowledge signal after it receives an address following a
start condition. Then, a read data is sent and releases the bus to wait for an acknowledge signal from the
master. When an acknowledge signal is detected, next address data is sent if a stop condition is not detected.
If the device does not detect an acknowledge signal, a read operations is stopped, and enters the standby
mode when a stop condition occurs subsequently.
If the device does not detect an acknowledge signal nor a stop condition, it keeps the bus released.
4. Device Addressing
After a start condition occurs, 7-bit device address and a 1-bit read/write instruction code are transferred
to the device.
The first four bits are called device code, which must always be “1”, “0”, “1”,“0”. The next two bits are
called slave address and are used to select a device on the bus. The slave address is compared to the value
on the address inputs (A1 and A2). The next bit is called page address (P0). P0 on “0” selects the memory
area of the first 2k-bit (000 to 0FF) and on “1” selects the memory area of the last 2k-bit (100 to 1FF).
The least significant bit (
W
R/
:
WRITE
READ/
) indicates a read instruction when set to “1” and a write
instruction when set to “0”.
An instruction is not executed if the device address does not match the specified value.
Figure 3
SCL
tAA
SDA
(input)
Acknowledge output
1
8
9
SDA
(output)
Start condition
tDH
Figure 4
1
0
1
0
A2
A1
P0
W
/
R
MSD
LSB
Device code
Device address
Read/write
instruction code
Slave
address
Page
address


Similar Part No. - TC9WMB4FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
TC9WMB2AFK TOSHIBA-TC9WMB2AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB2AFU TOSHIBA-TC9WMB2AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
More results

Similar Description - TC9WMB4FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMA2FK TOSHIBA-TC9WMA2FK Datasheet
252Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
logo
Renesas Technology Corp
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I_15 Datasheet
250Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
logo
Seiko Instruments Inc
S-2900A SII-S-2900A Datasheet
705Kb / 13P
   CMOS 512-bit SERIAL EEPROM
logo
Renesas Technology Corp
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com