Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM818DMG-33 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC59LM818DMG-33
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM818DMG-33 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC59LM818DMG-33 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM818DMG-33 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
TC59LM818DMG-33,-40
2005-10-19
5/57
Rev 1.4
NOTES:
(1)
All voltages referenced to VSS, VSSQ.
(2)
VREF is expected to track variations in VDDQ DC level of the transmitting device.
Peak to peak AC noise on VREF may not exceed ±2% VREF (DC).
(3)
Overshoot limit: VIH (max) = VDDQ + 0.7 V with a pulse width ≤ 5 ns.
(4)
Undershoot limit: VIL (min) = −0.7 V with a pulse width ≤ 5 ns.
(5)
VIH (DC) and VIL (DC) are levels to maintain the current logic state.
(6)
VIH (AC) and VIL (AC) are levels to change to the new logic state.
(7)
VID is differential voltage of CLK input level and CLK input level.
(8)
The value of VX (AC) is expected to equal VDDQ/2 of the transmitting device.
(9)
VISO means {VICK (CLK) + VICK ( CLK )} /2
(10)
Refer to the figure below.
(11)
In the case of external termination, VTT (termination voltage) should be gone in the range of VREF (DC)
± 0.04 V.
CAPACITANCE (VDD = 2.5V, VDDQ = 1.8 V, f = 1 MHz, Ta = 25°C)
SYMBOL
PARAMETER
MIN
MAX
Delta
UNIT
CIN
Input pin Capacitance
1.5
3.0
0.25
pF
CINC
Clock pin (CLK, CLK ) Capacitance
1.5
3.0
0.25
pF
CI/O
DQ, DS, QS Capacitance
2.5
3.5
0.5
pF
CNC
NC pin Capacitance
1.5
pF
Note: These parameters are periodically sampled and not 100% tested.
VISO (min)
VISO (max)
VICK
VICK
Vx
Vx
Vx
Vx
Vx
VICK
VICK
CLK
CLK
VSS
|VID (AC)|
0 V Differential
VISO
VSS
VID (AC)


Similar Part No. - TC59LM818DMG-33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM818DMG-33

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com