Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3122 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3122
Description  Logic Testers / Memory Testers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3122 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3122 Datasheet HTML 1Page - Toshiba Semiconductor TLP3122 Datasheet HTML 2Page - Toshiba Semiconductor TLP3122 Datasheet HTML 3Page - Toshiba Semiconductor TLP3122 Datasheet HTML 4Page - Toshiba Semiconductor TLP3122 Datasheet HTML 5Page - Toshiba Semiconductor TLP3122 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3122
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta >= 25°C)
ΔIF/°C
−0.5
mA/°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
60
V
On-state current
ION
1
A
On-state current derating (Ta >= 50°C)
ΔION/°C
−13.3
mA/°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−40~125
°C
Operating temperature range
Topr
−20~85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. <= 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) : Device considered a two-terminal device : LED side pins shorted together, and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VDD
48
V
Forward current
IF
5
10
20
mA
Operating temperature
Topr
25
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
15
pF
Off-state current
IOFF
VOFF = 60 V
0.2
100
nA
Capacitance
COFF
V
= 0, f = 1 MHz
90
pF


Similar Part No. - TLP3122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3122A TOSHIBA-TLP3122A Datasheet
335Kb / 11P
   Photocouplers Photorelay
2021-05-28 Rev.7.0
More results

Similar Description - TLP3122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com