Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3123 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3123
Description  Measurement Instruments Power Line Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3123 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3123 Datasheet HTML 1Page - Toshiba Semiconductor TLP3123 Datasheet HTML 2Page - Toshiba Semiconductor TLP3123 Datasheet HTML 3Page - Toshiba Semiconductor TLP3123 Datasheet HTML 4Page - Toshiba Semiconductor TLP3123 Datasheet HTML 5Page - Toshiba Semiconductor TLP3123 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3123
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 100 mA
1
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
0.8
mA
On-state resistance
RON
ION = 1 A, IF = 5 mA
0.1
0.13
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
1014
AC, 1 minute
1500
AC, 1 second (in oil)
3000
Vrms
Isolation voltage
BVS
DC, 1 minute (in oil)
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn-on time
tON
1.2
3
Turn-off time
tOFF
RL = 200 Ω
(Note 2)
VDD = 20 V, IF = 5mA
0.2
0.5
ms
(Note 2) : switching time test circuit
4
RL
VDD
VOUT
3
1
2
IF
VOUT
IF
tON
tOFF
90%
10%


Similar Part No. - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
More results

Similar Description - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
   Frequency Measurement and Switching Instruments
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Toshiba Semiconductor
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com