Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150DSA120 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM150DSA120
Description  Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150DSA120 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM150DSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM150DSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Single Phase
IGBT Inverter Output
150 Amperes/1200 Volts
PM150DSA120
Outline Drawing and Circuit Diagram
653
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM150DSA120 is a 1200V,
150 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
150
120
Dimensions
Inches
Millimeters
A
4.33
110.0
B
3.66
±0.010
93.0
±0.25
C
2.20
56.0
D
2.01
51.0
E
1.14 +0.04/-0.02 29.0 +1/-0.5
F
1.02
26.0
G
0.98
25.0
H
0.90
23.0
J
0.85
21.5
Dimensions
Inches
Millimeters
K
0.55
14.0
L
0.51
13.0
M
0.47
12.0
N
0.33
8.5
P
0.28
7.0
Q
0.22 Dia.
Dia. 5.5
R
M5 Metric
M5
S
0.100
2.54
T
0.08 Dia.
Dia. 2.0
K
F
E
1.
2.
3.
4.
5.
1.
2.
3.
4.
5.
SNR
VNC
FNO
VN1
CN1
VP1
SPR
CP1
VPC
FPO
N SIDE
P SIDE
L
P
0.64 MM SQ. PIN
(10 TYP.)
M
D
H
G
G
B
A
N
J
C
S (8 TYP.)
C2E1
E2
C1
T - DIA.
(2 TYP.)
Q - DIA.
(2 TYP.)
R - THD.
(3 TYP.)
SINK
SENS
OUT2
OUT1
GND
TEMP
VCC
FO
SR
IN
VN1
FNO
SNR
CN1
VNC
C2E1
E2
SINK
SENS
OUT2
OUT1
GND
TEMP
VCC
FO
SR
IN
C1
VP1
FPO
SPR
CP1
VPC


Similar Part No. - PM150DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
65Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150DSA120 MITSUBISHI-PM150DSA120_00 Datasheet
65Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150DSA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com