Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM906AMG-50 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC59LM906AMG-50
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM906AMG-50 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC59LM906AMG-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 12Page - Toshiba Semiconductor TC59LM906AMG-50 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
TC59LM914/06AMG-37,-50
2004-08-20
9/59
Rev 1.0
AC CHARACTERISTICS AND OPERATING CONDITIONS (Notes: 1, 2)
-37
-50
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
NOTES
tRC
Random Cycle Time
22.5
27.5
3
CL = 3
5.5
8.5
6.0
8.5
3
CL = 4
4.5
8.5
5.5
8.5
3
tCK
Clock Cycle Time
CL = 5
3.75
8.5
5.0
8.5
3
tRAC
Random Access Time
22.0
24
3
tCH
Clock High Time
0.45
× tCK
0.45
× tCK
3
tCL
Clock Low Time
0.45
× tCK
0.45
× tCK
3
tCKQS
DQS Access Time from CLK
−0.45
0.45
−0.6
0.6
3,8,10
tQSQ
Data Output Skew from DQS
0.25
0.35
4
tAC
Data Access Time from CLK
−0.5
0.5
−0.65
0.65
3,8,10
tOH
Data Output Hold Time from CLK
−0.5
0.5
−0.65
0.65
3, 8
tQSPRE
DQS (read) Preamble Pulse Width
0.9
× tCK
1.1
× tCK
0.9
× tCK
1.1
× tCK
3, 8
tHP
CLK half period (minimum of Actual tCH,
tCL)
min(tCH, tCL)
min(tCH, tCL)
3
tQSP
DQS (read) Pulse Width
tHP−tQHS
tHP−tQHS
4, 8
tQSQV
Data Output Valid Time from DQS
tHP−tQHS
tHP−tQHS
4, 8
tQHS
DQ, DQS Hold Skew factor
0.055
× tCK
+0.17
0.055
× tCK
+0.17
tDQSS
DQS (write) Low to High Setup Time
0.75
× tCK
1.25
× tCK
0.75
× tCK
1.25
× tCK
3
tDSPRE
DQS (write) Preamble Pulse Width
0.25
× tCK
0.25
× tCK
4
tDSPRES DQS First Input Setup Time
0
0
3
tDSPREH DQS First Low Input Hold Time
0.25
× tCK
0.25
× tCK
3
tDSP
DQS High or Low Input Pulse Width
0.35
× tCK
0.65
× tCK
0.35
× tCK
0.65
× tCK
4
CL = 3
0.75
1.0
3, 4
CL = 4
0.75
1.0
3, 4
tDSS
DQS Input Falling Edge to
Clock Setup Time
CL = 5
0.75
1.0
3, 4
tDSH
DQS Input Falling Edge Hold Time from
CLK
0.55
0.75
3, 4
tDSPST
DQS (write) Postamble Pulse Width
0.4
× tCK
0.4
× tCK
4
CL = 3
0.75
1.0
3, 4
CL = 4
0.75
1.0
3, 4
tDSPSTH
DQS (write) Postamble Hold
Time
CL = 5
0.75
1.0
3, 4
tDSSK
UDQS – LDQS Skew (
×16)
−0.5× tCK
0.5
× tCK
−0.5× tCK
0.5
× tCK
tDS
Data Input Setup Time from DQS
0.35
0.45
4
tDH
Data Input Hold Time from DQS
0.35
0.45
4
tIS
Command/Address Input Setup Time
0.5
0.7
3
tIH
Command/Address Input Hold Time
0.5
0.7
ns
3


Similar Part No. - TC59LM906AMG-50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC59LM906AMG-50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com