Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC04FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74AC04FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC04FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74AC04FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC04FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74AC04P/F/FN/FT
2007-10-01
4
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
5.7
4.3
9.8
6.6
1.0
1.0
11.2
7.5
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
20
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/6 (per gate)


Similar Part No. - TC74AC04FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC04FN TOSHIBA-TC74AC04FN Datasheet
240Kb / 6P
   HEX INVERTER
More results

Similar Description - TC74AC04FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC05P TOSHIBA-TC74AC05P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
logo
KEC(Korea Electronics)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7S04FU KEC-KIC7S04FU Datasheet
259Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com