Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUS02 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CUS02
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS02 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CUS02 Datasheet HTML 1Page - Toshiba Semiconductor CUS02 Datasheet HTML 2Page - Toshiba Semiconductor CUS02 Datasheet HTML 3Page - Toshiba Semiconductor CUS02 Datasheet HTML 4Page - Toshiba Semiconductor CUS02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUS02
2006-11-13
3
Instantaneous forward voltage vF (V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Time t (s)
rth (j-a) – t
1
0.001
1000
0.01
0.1
1
10
100
1000
10
100
10000
(1) Device mounted on a ceramic board
Soldering land: 2.0 mm × 2.0 mm
(2) Device mounted on a glass-epoxy board
Soldering land: 6.0 mm × 6.0 mm
(3) Device mounted on a glass-epoxy board
Standard Soldering pad
(2)
(3)
(1)
0.01
0.0
75°C
25°C
Tj = 150°C
10
1
0.1
0.2
0.4
0.6
0.8
1.0
100°C
Average forward current IF (AV) (A)
TI max – IF (AV)
Rectangular
waveform
0.6
0
0.0
0.2
0.4
0.6
1.0
1.2
0.8
1.4
1.6
0.3
0.1
0.2
0.4
180°
120°
DC
α = 60°
0.5
α
360°
Conduction
angle: α
0
0.0
160
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
DC
α = 60°
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
140
Rectangular
waveform
120°
180°
α
360°
Conduction
angle: α
VR = 15 V
160
0
0.0
0.2
0.4
0.6
1.0
1.2
80
20
40
100
120
0.8
1.4
1.6
140
180°
120°
DC
α = 60°
Rectangular
waveform
60
Device mounted on a glass-epoxy
board
(board size: 50 mm × 50 mm,
land size: 6 mm × 6 mm)
α
360°
Conduction
angle: α
VR = 15 V
0
0.0
160
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
DC
α = 60°
140
Rectangular
waveform
120°
180°
α
360°
Conduction
angle: α
VR = 15 V


Similar Part No. - CUS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
   SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
More results

Similar Description - CUS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com