Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150RSD120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PM150RSD120
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150RSD120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PM150RSD120 Datasheet HTML 1Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 2Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 3Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 4Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 5Page - Powerex Power Semiconductors PM150RSD120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PM150RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
150 Amperes/1200 Volts
6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Brake Part
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi BRAKE PART)
101
10-1
100
101
100
10-1
10-2
10-3
10-2
10-3
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
018
13
14
15
16
17
IC = 50A
Tj = 25
oC
Tj = 125
oC
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
10
020
40
60
VD = 15V
Tj = 25
oC
Tj = 125
oC
0.5
1.5
2.5
0
1.0
2.0
3.0
0.5
1.5
2.5
50
30
01.0
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
3.0
30
60
Tj = 25
oC
VCIN = 0V
VD = 17V
13
15
2.0
0.5
1.5
2.5
10
20
40
50
STANDARD VALUE
Rth(j-c)Q = 0.30
oC/W (IGBT)
Rth(j-c)F = 0.80
oC/W (FWDi)
SINGLE PULSE
100
101
102
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
0.5
1.0
1.5
2.0
2.5
Tj = 25
oC
Tj = 125
oC
0
VD = 15V


Similar Part No. - PM150RSD120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150RSD120 MITSUBISHI-PM150RSD120_05 Datasheet
136Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150RSD120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com