Selected language     English  ▼


TC7SZU04F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7SZU04F
Description  Inverter (Un-Buffer)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TC7SZU04F/FU
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
1.0
8.5
1.0
9.0
2.5
± 0.2
0.8
6.2
0.8
6.5
3.3
± 0.3
0.5
4.5
0.5
4.8
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.9
0.5
4.1
3.3
± 0.3
1.0
6.0
1.5
6.5
Propagation delay
time
tPLH
tPHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
5.0
0.8
5.5
ns
Input capacitance
CIN
0-5.5
4.5
pF
3.3
6.3
Power dissipation
capacitance
CPD
(Note 2)
5.5
9.5
pF
Note2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC7WZU04FUCMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
TC7SGU04AFSInverter Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
TC7SGU04FEInverter Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
TC7WGU04FCCMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
TC7WGU04FUCMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
TC7SHU04FEINVERTER Un-Buffer 1 2 3 4 5 Toshiba Semiconductor
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
TC7SHU04FSINVERTER Un-Buffer 1 2 3 4 5 MoreToshiba Semiconductor
SN74LVC1GU04SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
MC74HCT04A_06Hex Inverter 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl