Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP521-1 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP521-1
Description  Programmable Controllers AC/DC−Input Module Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP521-1 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP521-1_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP521-1_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP521
−1,TLP521−2,TLP521−4
2007-10-01
8
Ambient temperature Ta (℃)
IC – Ta
80
60
20
40
0
-20
0.3
0.1
100
10
5
30
100
50
IF = 0.5mA
3
1
0.5
1mA
5mA
10mA
25mA
VCE = 5V
IC/IF – IF
Forward current IF (mA)
Ta = 25°C
VCE=5V
VCE=0.4V
500
300
50
30
1
0.3
10
5
100
10
30
100
3
Sample A
Sample B
Ambient temperature Ta (℃)
VCE(sat) – Ta
100
80
60
20
40
0
-20
0.20
0.16
0.12
0.08
0.04
0
IF = 5mA
IC = 1mA
IC – IF
Forward current IF (mA)
100
50
10
5
0.3
0.5
0.1
3
1
0.3
1
3
10
30
100
30
0.05
0.03
Ta = 25°C
VCE=5V
VCE=0.4V
Sample A
Sample B
RL – Switching Time
Load resistance RL (kΩ)
1000
500
300
100
50
30
10
5
3
1
3
10
30
100
300
1
Ta = 25°C
IF = 16mA
VCC= 5V
tON
tOFF
tS


Similar Part No. - TLP521-1_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results

Similar Description - TLP521-1_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com