Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3A8.2LFV Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF3A8.2LFV
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A8.2LFV Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF3A8.2LFV Datasheet HTML 1Page - Toshiba Semiconductor DF3A8.2LFV Datasheet HTML 2Page - Toshiba Semiconductor DF3A8.2LFV Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF3A8.2LFV
2007-11-01
1
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF3A8.2LFV
Product for Use Only as Protection against Electrostatic
Discharge (ESD)
* This product is for protection against electrostatic discharge (ESD)
only and is not intended for any other usage, including without
limitation, the constant voltage diode application.
• The mounting of two devices in an ultra-compact package enables a
reduction in the number of parts and in the mounting cost.
• Low terminal capacitance: CT = 5.0 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
150 *
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
*: Mounted on an FR4 board (25.4 mm
× 25.4 mm × 1.6 mmt)
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5 mA
7.8
8.2
8.6
V
Dynamic impedance
ZZ
IZ = 5 mA
60
Ω
Reverse current
IR
VR = 5 V
0.5
μA
Terminal capacitance
(between Cathode and Anode)
CT
VR = 0 V, f = 1 MHz
5.0
pF
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1Q1B
Weight: 0.0015 g (typ.)
1. CATHODE1
2. CATHODE2
3. ANODE
VESM
1
2
3
0.8±0.05
1.2±0.05
0.5mm
0.45mm
0.45mm
0.4mm


Similar Part No. - DF3A8.2LFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A8.2LFE TOSHIBA-DF3A8.2LFE Datasheet
204Kb / 3P
   DF3A8.2LFE
DF3A8.2LFE TOSHIBA-DF3A8.2LFE Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A8.2LFE TOSHIBA-DF3A8.2LFE_07 Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A8.2LFU TOSHIBA-DF3A8.2LFU Datasheet
91Kb / 3P
   DIODES FOR PROTECTING AGAINST ESD
DF3A8.2LFU TOSHIBA-DF3A8.2LFU_07 Datasheet
136Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
More results

Similar Description - DF3A8.2LFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF5A6.8LJE TOSHIBA-DF5A6.8LJE Datasheet
133Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2FU TOSHIBA-DF5A6.2FU Datasheet
162Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com