Electronic Components Datasheet Search |
|
TLP3051S Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TLP3051S Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TLP3051(S), TLP3052(S) 2007-10-01 1 TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC TLP3051(S),TLP3052(S) OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY The TOSHIBA TLP3051(S) and TLP3052(S) consists of a photo-triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package. • Peak Off-State Voltage : 600V(Min) • Trigger LED Current : 15mA(Max) (TLP3051(S)) 10mA(Max) (TLP3052(S)) • On-State Current : 100mA(Max) • Isolation Voltage : 5000Vrms(Min) • UL Recognized : UL1577,File No.E67349 • SEMKO Approved : SS EN60065 SS EN60950, File No.9841111 • BSI Approved : BS EN60065, File No.8385 BS EN60950, File No.8386 • Option (D4) type VDE approved: DIN EN60747-5-2 Approved No. 40009302 Maximum operating insulation voltage: 890VPK Highest permissible over voltage: 8000VPK (Note):When a EN60747-5-2 approved type is needed, please designate the "Option (D4)" • Construction Mechanical Rating 7.62 mm pich Standard Type 10.16 mm pich TLPxxxxF Type Creepage Distance Clearance Insulation Thickness 7.0 mm (Min) 7.0 mm (Min) 0.5 mm (Min) 8.0 mm (Min) 8.0 mm (Min) 0.5 mm (Min) JEDEC TOSHIBA 11-7A9 Weight: 0.39 g Unit in mm 1: Anode 2: Csthode 3: N.C. 4:Terminal 1 6:Terminal 2 1 2 3 4 6 Pin Configuration (top view) |
Similar Part No. - TLP3051S |
|
Similar Description - TLP3051S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |